Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7311B Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN7311B
Description  LCD Backlight Inverter Drive IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7311B Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN7311B Datasheet HTML 6Page - Fairchild Semiconductor FAN7311B Datasheet HTML 7Page - Fairchild Semiconductor FAN7311B Datasheet HTML 8Page - Fairchild Semiconductor FAN7311B Datasheet HTML 9Page - Fairchild Semiconductor FAN7311B Datasheet HTML 10Page - Fairchild Semiconductor FAN7311B Datasheet HTML 11Page - Fairchild Semiconductor FAN7311B Datasheet HTML 12Page - Fairchild Semiconductor FAN7311B Datasheet HTML 13Page - Fairchild Semiconductor FAN7311B Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7311B Rev. 1.0.0
10
Typical Application Circuits
19-inch LCD Monitor
4
13V
1. Schematic
0
OLP1
R16
1k
D3
BAV70
R17
1k
0
0
C11
15p
0
C30
12n
0
0
C2
1u
TX1
0
0
C21
10n
R6
56k
J1
0
C8 10u
C25
1u
0
0
0
0
C28
10n
D9
BAV99
D7
BAV99
D6
BAV99
0
0
0
OUTA
R9
9.1k
0
0
HOT
1
COLD
2
CN1
CCFL
HOT
1
COLD
2
CN2
CCFL
HOT
1
COLD
2
CN4
CCFL
HOT
1
COLD
2
CN3
CCFL
C22
220u
25V
OLR
C26
1n
0
RT
OLP
D11
BAW56
D10
BAW56
SN
GN
SP
GP
DP
DP
DN
DN
M2
FDS8958A
REF
R14
100k
OUTB
D1
BAW56
RT
FB
R1
330k
LTM190EX
C6
1u
0
OLP2
OLP1
OLP3
OLP4
R1 2
1k
R11
1k
R26
1k
REF
R13
1k
0
0
0
0
R15
10k
C9
1u
F1
FUSE
C7 10u
1
2
3
4
5
6
7
8
9
10
CN5
12505WR-10
R24
10k
R25
10k
C10
15p
C14
12n
C12
15p
C29
12n
IC1 FAN7311B
S_S
GND
REF
OLR
ENA
BDIM
OLP
VIN
OUTA
PGND
OUTB
RT1
CT
OUTC
ADIM
EA_IN
EA_OUT
OUTD
RT
BCT
R22
10k
R23
10k
C19
2.2n
C20
2.2n
0
0
0
0
R21
10k
R20
10k
C18
2.2n
C17
2.2n
0
R8
100k
Q1
KST2222
C1 5
12n
0
C27
1u
0
0
R18
1k
R7 0
0
SN
GN
SP
GP
DP
DP
DN
DN
M1
FDS8958A
FB
0
TX2
0
C13
15p
0
OLP3
OLP4
R19
1k
OLR
R27
10k
ON/OFF
12V
DIM (0~3.3V)
0
C4 4.7n
C5 220p
R5 27k
0
R2
56k
R3
75k
R4
56k
0
0
C3
4.7n
D4
BAV70
C1
0.22u
D8
BAV99
0
OLP2
0
OLR
FB
Figure 10. Typical Application Circuit
2. Transformer Schematic Diagram
- Supported by Namyang electronics (http://www.namyangelec.co.kr)
Figure 11. Transformer Schematic
3. Core & Bobbin
Core: EFD2124
Material: PL7
Bobbin: EFE2124
Application
Lamps
Input Voltage
FAN7311 Rev. 04


Similar Part No. - FAN7311B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
380Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7311G FAIRCHILD-FAN7311G Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7311G FAIRCHILD-FAN7311G Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7311B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com