Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN5617 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FAN5617
Description  High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN5617 Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5617 Rev. 1.0.1
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Parameter
Min.
Max.
Units
VIN, VOUT, EN, DATA, GND
-0.3
6
V
Voltage on All Other Pins
-0.3
VIN+0.3
V
CAP+, CAP- to GND
-0.3
VIN+0.3
V
Thermal Resistance – Junction to Tab (θJC)
(1)
8
°C/W
Lead Soldering Temperature (10 seconds)
260
°C
Junction Temperature
150
°C
Storage Temperature
-65
150
°C
HBM
4.0
kV
Electrostatic Discharge (ESD) Protection Level
(2)
CDM
2.0
kV
Notes:
1.
Junction-to-ambient thermal resistance, θJA, is a strong function of PCB material, board thickness, copper
thickness and number of vias used, diameter of via used, available copper surface, and attached heat sink
characteristics. A reasonable estimated value for θJA for zero air flow at 0.5W is 60ºC/W.
2.
Using Mil Std. 883E, method 3015.7 (Human Body Model) and EIA/JESD22C101-A (Charged Device Model).
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Parameter
Min.
Max.
Units
Supply Voltage Range
2.5
5.5
V
LED Forward Voltage
4
V
Current Through Each LED
2
30
mA
Operating Ambient Temperature
-40
+85
°C
Operating Junction Temperature
-40
+125
°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn