Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2302LD-E1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302LD-E1
Description  2A DDR TERMINATION REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302LD-E1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2302LD-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2302LD-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2302LD-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2302LD-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302LD-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302LD-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302LD-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302LD-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302LD-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2A DDR TERMINATION REGULATOR
AP2302L
Preliminary Datasheet
2
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Pin Description
Pin Number
Pin Name
Function
SOIC-8
TO-252-5L
1
1
VIN
Power Input.
2
2
GND
Ground.
3
4
REFEN
Reference Voltage Input and Chip Enable.
4
5
VOUT
Output Voltage.
5, 6, 7, 8
3
VCNTL
Supply Voltage for Internal Circuit (Internally Connected for SOIC-8), (TAB
for TO-252-5L).
Pin Configuration
Figure 2. Pin Configuration of AP2302L (Top View)
M Package
7
VCNTL
6
VCNTL
5
VCNTL
1
2
3
4
VIN
GND
REFEN
VOUT
(SOIC-8)
(TO-252-5L)
D Package
VIN
GND
VCNTL (TAB)
REFEN
VOUT
8
VCNTL
1
2
3
4
5


Similar Part No. - AP2302LD-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2302LD-E1 BCDSEMI-AP2302LD-E1 Datasheet
131Kb / 12P
   2A DDR TERMINATION REGULATOR
More results

Similar Description - AP2302LD-E1

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383A SSC-SS6383A Datasheet
772Kb / 7P
   2A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302L BCDSEMI-AP2302L Datasheet
131Kb / 12P
   2A DDR TERMINATION REGULATOR
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
   2A DDR Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com