Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ317LZTR Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ317LZTR
Description  3-TERMINAL ADJUSTABLE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ317LZTR Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ317LZTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ317LZTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ317LZTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ317LZTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ317LZTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ317LZTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ317LZTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ317LZTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ317LZTR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3-TERMINAL ADJUSTABLE REGULATOR
AZ317L
Data Sheet
6
Sep. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Load Regulation vs. Temperature
Figure 5. Output Voltage vs. Input Voltage
Figure 6. Reference Voltage vs. Temperature
Figure 7. Adjust Pin Current vs. Temperature
8
101214
161820
5.215
5.220
5.225
5.230
5.235
5.240
5.245
Input Voltage (V)
AZ317L
I
OUT
=10mA
-25
0
25
50
75
100
125
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
-45
I
OUT
=100mA
I
OUT
=10mA
Temperature (
oC)
AZ317L
V
IN
=10.25V
V
OUT
=5.25V
-25
0
25
50
75
100
125
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
-45
I
OUT
=10mA
I
OUT
=100mA
Temperature (
OC)
AZ317L
V
IN
=10.25V
V
OUT
=5.25V
-25
0
25
50
75
100
125
42
44
46
48
50
52
54
-45
I
OUT
=100mA
I
OUT
=10mA
Temperature (
oC)
AZ317L
V
IN
=10.25V
V
OUT
=5.25V


Similar Part No. - AZ317LZTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317LZTR BCDSEMI-AZ317LZTR Datasheet
183Kb / 13P
   3-TERMINAL ADJUSTABLE REGULATOR
AZ317LZTR-E1 BCDSEMI-AZ317LZTR-E1 Datasheet
183Kb / 13P
   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - AZ317LZTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com