Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ431BM-BTR Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ431BM-BTR
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431BM-BTR Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ431BM-BTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ431BM-BTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ431BM-BTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ431BM-BTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ431BM-BTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ431BM-BTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ431BM-BTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ431BM-BTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ431BM-BTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
1
Mar. 2007 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-B
General Description
The AZ431-B is a three-terminal adjustable shunt regu-
lator with guaranteed thermal stability over a full oper-
ation range. It features sharp turn-on characteristics,
low temperature coefficient and low output impedance,
which make it ideal substitute for Zener diode in appli-
cations such as switching power supply, charger and
other adjustable regulators.
The output voltage of AZ431-B can be set to any value
between VREF (2.5V) and the corresponding maximum
cathode voltage.
The AZ431-B precision reference is offered in two
voltage tolerance: 0.4% and 0.8%.
This IC is available in 5 packages: TO-92 (bulk or
ammo packing), SOT-23, SOT-23-5, SOT-89-3 and
SOIC-8.
Features
·
Programmable Precise Output Voltage from 2.5V
to 18V
·
High Stability under Capacitive Load
·
Low Temperature Deviation: 4.5mV Typical
·
Low Equivalent Full-range Temperature Coeffi-
cient with 20PPM/oC Typical
·
Sink Current Capacity from 1mA to 100mA
·
Low Output Noise
·
Wide Operating Range of -40 to 125oC
Applications
·
Charger
·
Voltage Adapter
·
Switching Power Supply
·
Graphic Card
·
Precision Voltage Reference
Figure 1. Package Types of AZ431-B
SOIC-8
SOT-23
TO-92
SOT-89-3
SOT-23-5
TO-92 Ammo Packing


Similar Part No. - AZ431BM-BTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431BM-BTR BCDSEMI-AZ431BM-BTR Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Shanghai Leiditech Elec...
AZ431BM-BTR LEIDITECH-AZ431BM-BTR Datasheet
1Mb / 19P
   Programmable Precise Output Voltage from 2.5V to 36V or 18V
logo
BCD Semiconductor Manuf...
AZ431BM-BTRE1 BCDSEMI-AZ431BM-BTRE1 Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Shanghai Leiditech Elec...
AZ431BM-BTRE1 LEIDITECH-AZ431BM-BTRE1 Datasheet
1Mb / 19P
   Programmable Precise Output Voltage from 2.5V to 36V or 18V
More results

Similar Description - AZ431BM-BTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com