Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2302L Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302L
Description  2A DDR TERMINATION REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302L Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2302L_06 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302L_06 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302L_06 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302L_06 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302L_06 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302L_06 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2302L_06 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2302L_06 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2302L_06 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2A DDR TERMINATION REGULATOR
AP2302L
Preliminary Datasheet
8
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 12. Copper Area vs. Power Dissipation
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
100
150
200
250
300
350
Power Dissipation (W)
T
C
=25
oC
T
C
=50
oC
T
C
=65
oC
Package: SOIC-8
No Heatsink
Figure 13. Copper Area vs. Power Dissipation
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
100
150
200
250
300
350
Power Dissipation (W)
T
C
=25
oC
T
C
=50
oC
T
C
=65
oC
Package: TO-252-5L
No Heatsink


Similar Part No. - AP2302L_06

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2302LD- BCDSEMI-AP2302LD- Datasheet
131Kb / 12P
   2A DDR TERMINATION REGULATOR
AP2302LD-E1 BCDSEMI-AP2302LD-E1 Datasheet
131Kb / 12P
   2A DDR TERMINATION REGULATOR
AP2302LDTR- BCDSEMI-AP2302LDTR- Datasheet
131Kb / 12P
   2A DDR TERMINATION REGULATOR
AP2302LDTR-E1 BCDSEMI-AP2302LDTR-E1 Datasheet
131Kb / 12P
   2A DDR TERMINATION REGULATOR
AP2302LM- BCDSEMI-AP2302LM- Datasheet
131Kb / 12P
   2A DDR TERMINATION REGULATOR
More results

Similar Description - AP2302L_06

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383A SSC-SS6383A Datasheet
772Kb / 7P
   2A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302L BCDSEMI-AP2302L Datasheet
131Kb / 12P
   2A DDR TERMINATION REGULATOR
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
   2A DDR Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com