Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ39151D4-5.0TRE1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ39151D4-5.0TRE1
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ39151D4-5.0TRE1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ39151D4-5.0TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ39151D4-5.0TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ39151D4-5.0TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ39151D4-5.0TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ39151D4-5.0TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ39151D4-5.0TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ39151D4-5.0TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ39151D4-5.0TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ39151D4-5.0TRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data sheet
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151
Figure 15. Line Transient
Time (10
µs/Div)
-25
0
25
50
75
100
125
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
IN
=V
EN
=6V
Junction Temperature (
oC)
-25
0
25
50
75
100
125
4.970
4.975
4.980
4.985
4.990
4.995
5.000
5.005
5.010
V
IN
=V
EN
=6V
I
OUT
=10mA
Junction Temperature (
oC)
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
V
IN
=V
EN
=6V
I
OUT
=10mA
Junction Temperature (
oC)
Typical Performance Characteristics (Continued)
Figure 12. Short Circuit Current vs. Junction Temperature
Figure 13. Output Voltage vs. Junction Temperature
Figure 14. Enable Current vs. Junction Temperature
0
-2
0
100
-100
2
-200
4
(Conditions: VIN=5 to 7V, IOUT=1.5A, COUT=10µF)


Similar Part No. - AZ39151D4-5.0TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151D4-5.0TRE1 BCDSEMI-AZ39151D4-5.0TRE1 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ39151D4-5.0TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com