Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ39151 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ39151
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZ39151 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data sheet
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151
Ordering Information
Circuit Type
E1: Lead Free
AZ39151
Functional Block Diagram
Figure 3. Functional Block Diagram of AZ39151
-
VIN
EN
VOUT
GND
Reference
Thermal
Shutdown
O.V.
I
LIMIT
1
2
3
4
Package
Blank: Tube
D4: TO-252-4 (PPAK)
5.0: Fixed Output 5.0V
TR: Tape and Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn