Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ39151 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ39151
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZ39151 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data sheet
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151
General Description
The AZ39151 is a 1.5A, high accuracy linear voltage
regulator. It features 375mV dropout voltage at 1.5A
output current and low ground current over all operat-
ing conditions .
The AZ39151 is specifically designed for low voltage,
high current output systems, such as PC add-in cards
where their tiny dropout voltage and ground current
values are important attributes.
The AZ39151 has 5.0V version only.
The AZ39151 is available in TO-252-4 (PPAK) pack-
age.
Features
·
Minimum Guaranteed Output Current: 1.5A
·
Low Dropout Voltage: 375mV at IOUT=1.5A
·
Output Accuracy: ±1%
·
Low Ground Current
·
Internal Current and Thermal Limit
·
Reversed-battery and Reversed-lead Insertion
Protection
·
Fast Transient Response
·
TTL/CMOS Compatible Enable Pin
Applications
·
Set-top Box
·
Hi-end DVD Player/Recorder
·
LCD TV/PDP
·
LDO Linear Regulator for PC Add-in Cards
·
High Efficiency Linear Power Supplies
·
SMPS Post Regulator
Figure 1. Package Type of AZ39151
TO-252-4 (PPAK)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn