Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ39151 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ39151
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZ39151 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data sheet
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
13.5
V
Enable Voltage
VEN
13.5
V
Operating Junction Temperature
TJ
-40
125
oC
Package
Temperature Range
Part Number
Marking ID
Packing Type
TO-252-4
(PPAK)
-40 to 125oC
AZ39151D4-5.0E1
AZ39151D4-5.0E1
Tube
AZ39151D4-5.0TRE1
AZ39151D4-5.0E1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Parameter
Symbol
Value
Unit
Input Voltage
VIN
15
V
Enable Voltage
VEN
15
V
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
ESD (Human Body Model)
ESD
5000
V
ESD (Machine Model)
ESD
450
V
Thermal Resistance
θ
JA
TO-252-4 (PPAK)
100
oC/W
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Ordering Information (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn