Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AS7805A Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part No. AS7805A
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AS7805A Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS7805A
Preliminary Datasheet
1
Mar. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 1. Package Types of AS7805A
TO-220-3
General Description
The AS7805A is a three terminal positive regulator
designed for a wide variety of applications including
local, on-card regulation.
The AS7805A is complete with internal current limit-
ing, thermal shutdown protection, and safe-area com-
pensation which make it virtually immune from output
overload. If adequate heat sinking is provided, this IC
can deliver output current up to 1A.
The AS7805A is available in TO-220-3 and TO-252-2
(1) packages.
Features
·
Output Current up to 1A
·
Fixed Output Voltage of 5V
·
Output Voltage Accuracy of
±4% over the Full
Temperature Range
·
Internal Short Circuit Current Limiting
·
Internal Thermal Overload Protection
·
Output Transistor Safe-area Protection
·
Low Load Regulation
·
Stable Performance in High Temperature
Applications
·
High Efficiency Linear Regulator
·
Post Regulation for Switching Supply
·
Microprocessor Power Supply
·
Mother Board
TO-252-2 (1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AZ78MXX_07500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM78XX_053-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
AZ78LXX_073-TERMINAL POSITIVE LINEAR REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
GM6251ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn