Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ393 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ393 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ393_06 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ393_06 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ393_06 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ393_06 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ393_06 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ393_06 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ393_06 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ393_06 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ393_06 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393/393C
6
Aug. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Negative Transition
0
2
4
6
8
10
12
14
16
18
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
85C
o
25C
o
-40C
o
Supply Voltage (V
DC
)
02468
10
12
14
16
18
0
5
10
15
20
25
30
85C
o
25C
o
-40C
o
Supply Voltage (V
DC
)
Figure 5. Supply Voltage vs. Input Current
Figure 4. Supply Voltage vs. Supply Current
Positive Transition
Figure 8. Response Time for 5mV Input Overdrive -
Figure 7. Response Time for 5mV Input Overdrive -
5mV
105mV
0
2V
4V
6V
0
0.4 0.8 1.2
1.6
2
2.4
2.8 3.2 3.6
4
VOUT
VIN
V
IN
100mV
5V
5.1K
V
OUT
+
_
VOUT
VIN
V
IN
100mV
5V
5.1K
V
OUT
+
_
Time (
µs)
95mV
195mV
0V
2V
4V
6V
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
V
IN
100mV
5V
5.1K
V
OUT
+
_
VOUT
VIN
Time (
µs)
Figure 6. Output Sink Current vs. Saturation Voltage
Typical Performance Characteristics
0.01
0.1
1
10
100
1E-3
0.01
0.1
1
10
25C
o
-40C
o
85C
o
Output Sink Current (mA)


Similar Part No. - AZ393_06

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ393C BCDSEMI-AZ393C Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393M ETC1-AZ393M Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393P ETC1-AZ393P Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results

Similar Description - AZ393_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com