Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN2013 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part No. FAN2013
Description  2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2013 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FAN2013 Datasheet HTML 1Page - Fairchild Semiconductor FAN2013 Datasheet HTML 2Page - Fairchild Semiconductor FAN2013 Datasheet HTML 3Page - Fairchild Semiconductor FAN2013 Datasheet HTML 4Page - Fairchild Semiconductor FAN2013 Datasheet HTML 5Page - Fairchild Semiconductor FAN2013 Datasheet HTML 6Page - Fairchild Semiconductor FAN2013 Datasheet HTML 7Page - Fairchild Semiconductor FAN2013 Datasheet HTML 8Page - Fairchild Semiconductor FAN2013 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2013 Rev. 1.0.0
7
Applications Information
Setting the Output Voltage
The internal voltage reference, VREF, is 0.8V. The output
is divided down by a voltage divider, R1 and R2 to the FB
pin. The output voltage is:
According to this equation, assuming desired output volt-
age of 1.2V, and given R2 = 10K
Ω, the calculated value
of R1 is 5K
Ω.
Inductor Selection
The inductor parameters directly related to device perfor-
mance are saturation current and DC resistance. The
FAN2013 operates with a typical inductor value of 2.2µH.
The lower the DC resistance, the higher the efficiency.
For saturation current, the inductor should be rated
higher than the maximum load current, plus half of the
inductor ripple current, calculated by:
where:
ΔI
L = Inductor Ripple Current
f = Switching Frequency
L = Inductor Value
Recommended inductors are listed in Table 1.
Table 1: Recommended Inductors
Capacitors Selection
For best performance, a low-ESR input capacitor is
required. A ceramic capacitor of at least 10µF, placed as
close to the VIN and AGND pins as possible, is recom-
mended.
The output capacitor determines the output voltage rip-
ple and the transient response. A minimum 20µF output
capacitor is required for the FAN2013 to operate in sta-
ble conditions.
Table 2: Recommended Capacitors
PCB Layout Recommendations
The inherently high peak currents and switching fre-
quency of power supplies require careful PCB layout
design. For best results, use wide traces for high-current
paths and place the input capacitor, the inductor, and the
output capacitor as close as possible to the integrated
circuit terminals. To minimize voltage stress to the device
resulting from ever-present switching spikes, use an
input bypass capacitor with low ESR. Note that the peak
amplitude of the switching spikes depends upon the load
current; the higher the load current, the higher the
switching spikes.
The resistor divider that sets the output voltage should
be routed away from the inductor to avoid RF coupling.
The ground plane at the bottom side of the PCB acts as
an electromagnetic shield to reduce EMI. The recom-
mended PCB layout is shown in Figure 11.
Figure 11. Recommended PCB Layout
Inductor Value
Vendor
Part Number
2.2µH
Coiltronics
SD25 2R2
2.2µH
Murata
LQH66SSN2R2M03
Capacitor
Value
Vendor
Part Number
10µF
Taiyo Yuden
JMK212BJ106MG
JMK316BJ106KL
TDK
C2012X5ROJ106K
C3216X5ROJ106M
Murata
GRM32ER61C106K
V
OUT
V
REF 1
R
1
R
2
-------
+
⎝⎠
⎛⎞
=
ΔI
L
V
OUT
1V
OUT
V
IN
()
Lf
×
------------------------------------------
×
=
EQ 2
EQ 3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn