Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN2013 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FAN2013
Description  2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN2013 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2013 Rev. 1.0.0
5
Typical Performance Characteristics
TA = 25°C, CIN = 10µF, COUT = 40µF, L = 2.2µH, VIN = 5V, VOUT = 1.2V unless otherwise noted.
Figure 4. Start-up with 100mA Resistive Load
Figure 6. Load Transient Response 1.5A to 100mA
Figure 8. Output Voltage Regulation
Figure 5. Start-up with 2A Resistive Load
Figure 7. Load Transient Response 100mA to 1.5A
Figure 9. Power Efficiency


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn