Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ78MXX Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78MXX
Description  500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78MXX Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ78MXX_07 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ78MXX_07 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ78MXX_07 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78MXX_07 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78MXX_07 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78MXX_07 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78MXX_07 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ78MXX_07 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ78MXX_07 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78MXX
Preliminary Datasheet
7
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
7.7
8
8.3
V
VIN=10.5V to 15V, IOUT=5mA to 350mA
7.6
8
8.4
V
Line Regulation
VRLINE
TJ=25
oC, V
IN=10.5V to 15V, IOUT=200mA
650
mV
Load Regulation
VRLOAD
TJ=25
oC, I
OUT=5mA to 500mA
25
160
mV
Quiescent Current
IQ
TJ=25
oC, I
OUT=0
3.2
6
mA
Quiescent Current Change
∆I
Q
VIN=10.5V to 15V, IOUT=200mA
0.8
mA
IOUT=5mA to 350mA
0.5
Ripple Rejection
∆V
IN/∆VOUT
VIN=11V to 15V, f=120Hz, IOUT=200mA
56
62
dB
Dropout Voltage
VIN-VOUT
∆V
OUT =1%, TJ=25
oC
2V
Output Noise Voltage
NO
TA=25
oC, f=10Hz to 100KHz
52
µV
Short Circuit Current
ISC
TJ=25
oC, V
IN=15V
350
mA
Peak Output Current
IPK
TJ=25
oC
700
mA
Output Voltage Drift
∆V
OUT/∆TIOUT=5mA
0.2
mV/oC
AZ78M08 (VIN=14V, IOUT=350mA, TJ=-40
oC to 125 oC, P
D ≤ 5W, unless otherwise noted)
AZ78M09 (VIN=15V, IOUT=350mA, TJ=-40
oC to 125 oC, P
D ≤ 5W, unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
8.65
9
9.35
V
VIN=11.5V to 15V, IOUT=5mA to 350mA
8.55
9
9.45
V
Line Regulation
VRLINE
TJ=25
oC, V
IN=11.5V to 15V, IOUT=200mA
650
mV
Load Regulation
VRLOAD
TJ=25
oC, I
OUT=5mA to 500mA
25
180
mV
Quiescent Current
IQ
TJ=25
oC, I
OUT=0
3.2
6
mA
Quiescent Current Change
∆I
Q
VIN=11.5V to 15V, IOUT=200mA
0.8
mA
IOUT=5mA to 350mA
0.5
Ripple Rejection
∆V
IN/∆VOUT
VIN=12V to 15V, f=120Hz, IOUT=200mA
56
61
dB
Dropout Voltage
VIN-VOUT
∆V
OUT =1%, TJ=25
oC
2V
Output Noise Voltage
NO
TA=25
oC, f=10Hz to 100KHz
52
µV
Short Circuit Current
ISC
TJ=25
oC, V
IN=15V
350
mA
Peak Output Current
IPK
TJ=25
oC
700
mA
Output Voltage Drift
∆V
OUT/∆TIOUT=5mA
0.2
mV/oC
Electrical Characteristics (Continued)


Similar Part No. - AZ78MXX_07

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AZ78MXX_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com