Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ4558C Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ4558C
Description  DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZ4558C Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C
Data Sheet
5
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Figure 4. Open Loop Voltage Gain vs. Frequency
Figure 5. Maximum Output Voltage Swing vs. Frequency
Typical Performance Characteristics
Figure 6. Maximum Output Voltage Swing
Figure 7. Supply Current vs. Temperature
vs. Load Resistance
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
120.0
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Temperature (
OC)
1
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
Frequency (Hz)
1
10
100
1k
10k
100k
1M
5
10
15
20
V
CC
=+15V, V
EE
=-15V,
R
L
=2kΩ, THD+N<5%
Frequency (Hz)
100
1k
10k
-16
-12
-8
-4
0
4
8
12
16
Negative Voltage Swing
Resistance Load ()
Positive Voltage Swing


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AZ4558CDUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 BCD Semiconductor Manufacturing Limited
LM358DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 HTC Korea TAEJIN Technology Co.
LM4558DUAL OPERATIONAL AMPLIFIERS 1 2 3 HTC Korea TAEJIN Technology Co.
LM2904WLOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
CA3410Quad BiMOS Operational Amplifiers With MOSFET Input Bipolar Output 1 2 3 4 5 MoreHarris Corporation
LM258_06Single Supply Dual Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
TCA0372_051.0 A Output Current Dual Power Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
AS358LOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AZ358_06LOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 BCD Semiconductor Manufacturing Limited
OPA234Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn