Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ4558C Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ4558C
Description  DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZ4558C Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C
Data Sheet
4
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
Operating Conditions: VCC=+15V, VEE=-15V, TA=25
oC, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
15
mV
Input Offset Current
IIO
VCM=0V
10
100
nA
Input Bias Current
IIB
VCM=0V
70
400
nA
Large Signal Voltage Gain
AVD
RL=2KΩ, VO=±10V
85
100
dB
Supply Voltage Rejection Ratio
SVR
RS≤10KΩ
80
100
dB
Supply Current
ICC
All Amplifiers, No Load
2.5
4.5
mA
Input Common Mode Voltage
Range
VICM
±12
V
Common Mode Rejection Ratio
CMRR
RS≤10KΩ
70
95
dB
Output Voltage Swing
VO
RL≥10KΩ
±12
±14
V
RL≥2KΩ
±10
±13
Slew Rate
SR
VI=±10V, RL=2KΩ, CL=100pF, unity
gain
1.8
V/
µs
Rise Time
TR
VI=±20mV, RL=2KΩ, CL=100pF, unity
gain
0.3
µs
Overshoot
KOV
VI=±20mV, RL=2KΩ, CL=100pF, unity
gain
15
%
Input Resistance
RI
0.5
M
Output Resistance
RO
45
Unity Gain Bandwidth
B
Gain=0dB
2.8
MHz
Gain Bandwidth Product
GBWP
VI=±10mV, RL=2KΩ,
CL=100pF, f=10KHz
5.5
MHz
Total Harmonic Distortion Plus
Noise
THD+N
f=1KHz, AV=6dB, RL=10KΩ,
VO=1VRMS,
0.002
%
Equivalent Input Noise Voltage
Density
eN
RS=100Ω, f=1KHz
10
Output Current
ISINK
V-=1V, V+= 0V, VO=2V
60
mA
ISOURCE
V+=1V, V-= 0V, VO=2V
35
nV
Hz
----------


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AZ4558CDUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 BCD Semiconductor Manufacturing Limited
LM358DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 HTC Korea TAEJIN Technology Co.
LM4558DUAL OPERATIONAL AMPLIFIERS 1 2 3 HTC Korea TAEJIN Technology Co.
LM2904WLOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
CA3410Quad BiMOS Operational Amplifiers With MOSFET Input Bipolar Output 1 2 3 4 5 MoreHarris Corporation
LM258_06Single Supply Dual Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
TCA0372_051.0 A Output Current Dual Power Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
AS358LOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AZ358_06LOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 BCD Semiconductor Manufacturing Limited
OPA234Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn