Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CR6728A Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. CR6728A
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CR6728A Datasheet(HTML) 4 Page - NXP Semiconductors

  CR6728A Datasheet HTML 1Page - NXP Semiconductors CR6728A Datasheet HTML 2Page - NXP Semiconductors CR6728A Datasheet HTML 3Page - NXP Semiconductors CR6728A Datasheet HTML 4Page - NXP Semiconductors CR6728A Datasheet HTML 5Page - NXP Semiconductors CR6728A Datasheet HTML 6Page - NXP Semiconductors CR6728A Datasheet HTML 7Page - NXP Semiconductors CR6728A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1998 Jul 03
4
Philips Semiconductors
Product specification
Triple video driver hybrid amplifier
CR6728A
Fig.3 CRT amplifier test-circuit and block diagram.
Speed-up circuit (R1, C1; R2, C2) ensures flat gain over the whole frequency range.
handbook, full pagewidth
CR6728A
C2
R2
R level
(optional)
input
50
2, 6, 10
1, 5, 9
4, 8,12
3, 7, 11
output
C1
R1
R3
− supply
MDA862
PULSE
GENERATOR
TEST
FIXTURE
CR6728A
POWER
SUPPLY
FET
PROBE
SAMPLING
OSCILLOSCOPE
C4
C3
VS
CL
Components used in test circuit (see Fig.3)
Test equipment used in test circuit (see Fig.3)
COMPONENT
DESCRIPTION
VALUE
C1
variable capacitor
10 to 160 pF (typ. 50 pF)
C2
variable capacitor
10 to 160 pF (typ. 82 pF)
C3
chip capacitor
10 nF
C4
electrolytic capacitor
4.7
µF; 160 V
R1
resistor
275
R2
resistor
62
R3
resistor
50
EQUIPMENT
TYPE DESCRIPTION
Pulse generator
Le Croy; model 9210 with unit 9211
Philips; model PM5785B (125 MHz) with internal DC offset
Power supply
Philips; model PE1542, 80 V
FET probe
Philips; model PM8943, attenuation 100 : 1
Sampling oscilloscope
Tektronix; model 11801B, sampling head SD26


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR1296Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR7929Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
MHW3628Triple Video Driver Hybrid Amplifier 1 2 3 Motorola, Inc
CR5427Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5527STriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6727ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6729ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6927Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn