Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ4558C Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ4558C
Description  DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZ4558C Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCD Semiconductor Manufacturing Limited
Product Brief
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C
Description
The
AZ4558C
consists
of
two
high
performance
operational amplifiers. The IC features high gain, low
equivalent input noise voltage, high input resistance,
excellent channel separation, wide range of operating
voltage and internal frequency compensation.
It can work with ±18V maximum power supply voltage or
single power supply up to 36V.
Features
·
Internally Frequency Compensated
·
Large Signal Voltage Gain: 100dB Typical
·
Gain and Phase Match between Amplifiers
·
Gain Bandwidth Product (at 10KHz): 5.5MHz
·
Pin to Pin Compatible with MC1458
Applications
·
Audio AC-3 Decoder System
·
Audio Amplifier
Benefits
·
Easier to Use
·
Very Competitive Price
Parametric Table
Supply Voltage (V)
±2 to ±18
Supply Current (Typ) (mA)
2.5
Large Signal Voltage Gain (Typ)
(dB)
100
CMRR (Typ) (dB)
95
Supply Voltage Rejection Ratio
(Typ) (dB)
100
Gain Bandwidth Product @10KHz
(Typ) (MHz)
5.5
Equivalent Input Noise
(Typ)(
)
10
Slew Rate (V/
µs)
2.2
Operating Temperature (Min) (oC)
-40
Operating Temperature (Max) (oC)
85
Additional Available Materials
·
Samples
·
Data Sheet
Pin Configuration
SOIC-8/DIP-8
8
VCC
7
OUTPUT 2
6
INPUT 2-
5
INPUT 2+
1
2
3
4
OUTPUT 1
INPUT 1-
INPUT 1+
VEE
Sep. 2006
nV
Hz
()


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM358DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 HTC Korea TAEJIN Technology Co.
LM4558DUAL OPERATIONAL AMPLIFIERS 1 2 3 HTC Korea TAEJIN Technology Co.
LM2904WLOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
CA3410Quad BiMOS Operational Amplifiers With MOSFET Input Bipolar Output 1 2 3 4 5 MoreHarris Corporation
LM258_06Single Supply Dual Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
TCA0372_051.0 A Output Current Dual Power Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
AS358LOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AZ358_06LOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 BCD Semiconductor Manufacturing Limited
OPA234Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)
UM603SOPERATIONAL AMPLIFIERS WITH 2.5V SHUNT REGULATOR 1 2 3 4 5 Unisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn