Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ34063AMTR Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ34063AMTR
Description  1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ34063AMTR Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ34063AMTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063A
Data Sheet
6
Sep. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 4. Output Switch On-Off Time vs.
Figure 5. Timing Capacitor Waveform
Typical Performance Characteristics
Oscillator Timing Capacitor
IC output
≥ 10
Forced
β of output switch:
* The 100
Ω resistor in the emitter of the driver device requires about 7.0 mA before the output switch conducts.
ICdriver - 7.0mA*
Time. 10
µs/DIV
Pin 1,5,8=open
CT=1.0nF
TA=25
oC
VCC=5.0V
VPIN7=VCC
VPIN2=GND
Figure 6. Oscillator Frequency vs.Timing Capacitor
Figure 7. Standard Supply Current vs. Supply Voltage
Electrical Characteristics (Continued)
0.1
1
10
100
1
10
100
V
CC
=5.0V
V
PIN7
=V
CC
V
PIN5
=GND
T
A
=25
OC
C
T
, Oscillator Timing Capacitor (nF)
0
5
10
15
20
25
30
35
40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
C
T
=1.0nF
V
PIN7
=V
CC
V
PIN2
=GND
V
CC
. Supply Voltage (V)
0.1
1
10
100
1
10
100
1000
t
off
t
on
V
CC
=5.0V
V
PIN7
=V
CC
V
PIN5
=GND
T
A
=25
OC
C
T
, Oscillator Timing Capacitor (nF)


Similar Part No. - AZ34063AMTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ34063AMTR ETC1-AZ34063AMTR Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063AMTR-E1 ETC1-AZ34063AMTR-E1 Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results

Similar Description - AZ34063AMTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com