Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CR6727A Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. CR6727A
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

CR6727A Datasheet(HTML) 5 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1998 Feb 12
5
Philips Semiconductors
Product specification
Triple video driver hybrid amplifier
CR6727A
PACKAGE OUTLINE
UNIT
c
b
A
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-06-28
IEC
JEDEC
EIAJ
mm
4.15
3.85
0.25
2.54
2.0
0.51
0.38
6.0
5.6
36.2
35.8
18.2
17.8
25.5
24.5
3.5
3.4
34.4
34.0
22.2
21.8
6
Q
19
1.8
q
FS
U1
v
0.25
0.3
w
0.1
y
4.1
Z
max.
DIMENSIONS (mm are the original dimensions)
SOT347
0
5
10 mm
scale
EU
DG
L
min.
P
Ceramic single-ended flat package; heatsink mounted; 2 mounting holes;
12 in-line tin (Sn) plated leads
SOT347
q
U
e
b
c
Z
L
G
S
D
P
A
Q
w M
1
12
F
E
U1
v A
y
A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR1296Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR7929Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
MHW3628Triple Video Driver Hybrid Amplifier 1 2 3 Motorola, Inc
CR5427Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5527STriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6728ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6729ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6927Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn