Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ34063A Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ34063A
Description  1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AZ34063A Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063A
Data Sheet
3
Sep. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-8
-40 to 85oC
AZ34063AM
AZ34063AM-E1
34063AM
34063AM-E1
Tube
AZ34063AMTR
AZ34063AMTR-E1
34063AM
34063AM-E1
Tape & Reel
DIP-8
-40 to 85oC
AZ34063AP
AZ34063AP-E1
AZ34063AP
AZ34063AP-E1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
M: SOIC-8
E1: Lead Free
Blank: Tin Lead
AZ34063A
-
TR: Tape and Reel
Blank: Tube
P: DIP-8
Pin Number
Pin Name
Function
1
Switch Collector
Internal switch transistor collector
2
Switch Emitter
Internal switch transistor emitter
3
Timing Capacitor
Timing Capacitor to control the switching frequency
4
GND
Ground pin for all internal circuits
5
Comparator Inverting Input
Inverting input pin for internal comparator
6VCC
Voltage supply
7
IPK Sense
Peak Current Sense Input by monitoring the voltage drop
across an external current sense resistor to limit the peak cur-
rent through the switch
8
Driver Collector
Voltage driver collector
Pin Description
Ordering Information


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn