Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ78L08HTR Datasheet(PDF) 15 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78L08HTR
Description  3-TERMINAL POSITIVE LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78L08HTR Datasheet(HTML) 15 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ78L08HTR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ78L08HTR Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ78L08HTR Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ78L08HTR Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ78L08HTR Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AZ78L08HTR Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AZ78L08HTR Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AZ78L08HTR Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AZ78L08HTR Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78LXX
Data Sheet
15
Mar. 2007 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions (Continued)
SOIC-8
Unit: mm(inch)
R0.150(0.006)
1.000(0.039)
0.330(0.013)
0.510(0.020)
1.350(0.053)
1.750(0.069)
0.100(0.004)
0.300(0.012)
0.900(0.035)
0.800(0.031)
0.200(0.008)
3.800(0.150)
4.000(0.157)
20:1
D
1.270(0.050)
TYP
0.190(0.007)
0.250(0.010)
D
5.800(0.228)
6.200(0.244)
0.675(0.027)
0.725(0.029)
0.320(0.013)
0.450(0.017)
0.800(0.031)
4.700(0.185)
5.100(0.201)
φ


Similar Part No. - AZ78L08HTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78L08HTR BCDSEMI-AZ78L08HTR Datasheet
228Kb / 17P
   3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78L08HTR-E1 BCDSEMI-AZ78L08HTR-E1 Datasheet
228Kb / 17P
   3-TERMINAL POSITIVE LINEAR REGULATOR
More results

Similar Description - AZ78L08HTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78LXX BCDSEMI-AZ78LXX Datasheet
228Kb / 17P
   3-TERMINAL POSITIVE LINEAR REGULATOR
logo
AiT Semiconductor Inc.
A7812 AITSEMI-A7812 Datasheet
659Kb / 8P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV1.1
A7805 AITSEMI-A7805 Datasheet
623Kb / 6P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
A7805A AITSEMI-A7805A Datasheet
366Kb / 7P
   LINEAR REGULATOR 3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
REV1.0
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com