Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89875UMG Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89875UMG
Description  2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89875UMG Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89875UMG Datasheet HTML 1Page - Micrel Semiconductor SY89875UMG Datasheet HTML 2Page - Micrel Semiconductor SY89875UMG Datasheet HTML 3Page - Micrel Semiconductor SY89875UMG Datasheet HTML 4Page - Micrel Semiconductor SY89875UMG Datasheet HTML 5Page - Micrel Semiconductor SY89875UMG Datasheet HTML 6Page - Micrel Semiconductor SY89875UMG Datasheet HTML 7Page - Micrel Semiconductor SY89875UMG Datasheet HTML 8Page - Micrel Semiconductor SY89875UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Precision Edge®
SY89875U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
V
CC = 2.5V ±5%; TA = –40°C to +85°C; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Maximum Input Frequency
Output Swing ≥ 200mV
2.0
2.5
GHz
t
PD
Differential Propagation Delay
Input Swing < 400mV
590
690
870
ps
IN to Q
Input Swing ≥ 400mV
540
690
820
ps
t
SKEW
Within-Device Skew (diff.)
Note 3
515
ps
Part-to-Part Skew (diff.)
Note 3
280
ps
t
RR
Reset Recovery Time
Note 4
600
ps
t
JITTER
Cycle-to-Cycle Jitter
Note 5
1ps
RMS
Total Jitter
Note 6
10
ps
PP
t
r,tf
Rise/Fall Time (20% to 80%)
70
120
200
ps
Note 1.
Measured with 400mV input signal, 50% duty cycle, all outputs loaded with 100Ω across each output pair, unless otherwise stated.
Note 2.
Specification for packaged product only.
Note 3.
Skew is measured between outputs under identical transitions.
Note 4.
See “
Timing Diagram.”
Note 5.
Cycle-to-cycle jitter definition: the variation in period between adjacent cycles over a random sample of adjacent cycle pairs. Tjitter_cc =Tn–Tn+1,
where T is the time between rising edges of the output signal.
Note 6.
Total jitter definition: with an ideal clock input of frequency ≤ fMAX, no more than one output edge in 10
12 output edges will deviate by more than
the specified peak-to-peak jitter value.
AC ELECTRICAL CHARACTERISTICS(Notes 1, 2)
TIMING DIAGRAM
VID
/RESET
IN
/IN
/Q
Q
tPD
tRR
VCC/2
VIN Swing
VOUT Swing


Similar Part No. - SY89875UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89875UMG MICREL-SY89875UMG Datasheet
199Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89875UMGTR MICREL-SY89875UMGTR Datasheet
199Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
More results

Similar Description - SY89875UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89875U MICREL-SY89875U Datasheet
231Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89872U MICREL-SY89872U Datasheet
575Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89871U MICREL-SY89871U Datasheet
168Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/ FANOUT BUFFER WI/INTERNAL TERMINATION
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89873L_0708 MICREL-SY89873L_0708 Datasheet
111Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com