Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CR5627 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. CR5627
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

CR5627 Datasheet(HTML) 5 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1995 Oct 09
5
Philips Semiconductors
Product specification
Triple video driver hybrid amplifier
CR5627
Fig.6 CRT amplifier test-circuit and block diagram.
Test-circuit for one of the three CRT amplifiers.
handbook, full pagewidth
CR5627
C2
R2
input
50
2
1
4
3
output
C L
C1
R1
R3
MBG371
PULSE
GENERATOR
TEST
FIXTURE
CR5627
POWER
SUPPLY
FET
PROBE
SAMPLING
OSCILLOSCOPE
C4
C3
VS
Components used in test-circuit (see Fig.6)
Equipment used in test-circuit (see Fig.6)
DESIGNATION
DESCRIPTION
VALUE
C1
variable capacitor
10 to 160 pF (typ. 90 pF)
C2
variable capacitor
10 to 160 pF (typ. 100 pF)
C3
chip capacitor
10 nF
C4
electrolytic capacitor
4.7
µF; 160 V
R1
resistor
typ. 348
R2
resistor
typ. 82
R3
resistor
50
EQUIPMENT
TYPE DESCRIPTION
Pulse generator
Le Croy; Model 9210 with unit 9212
Philips; Model PM5785B (125 MHz) with internal DC offset
Power supply
Philips; Model PE1541, 80 V
FET probe
Philips; Model PM8943, attenuation 100 : 1
Sampling oscilloscope
Tektronix; Model 11803, sampling head SD24


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR1296Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR7929Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
MHW3628Triple Video Driver Hybrid Amplifier 1 2 3 Motorola, Inc
CR5427Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5527STriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6727ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6728ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6729ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6927Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn