Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89874U Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89874U
Description  2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89874U Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89874U Datasheet HTML 2Page - Micrel Semiconductor SY89874U Datasheet HTML 3Page - Micrel Semiconductor SY89874U Datasheet HTML 4Page - Micrel Semiconductor SY89874U Datasheet HTML 5Page - Micrel Semiconductor SY89874U Datasheet HTML 6Page - Micrel Semiconductor SY89874U Datasheet HTML 7Page - Micrel Semiconductor SY89874U Datasheet HTML 8Page - Micrel Semiconductor SY89874U Datasheet HTML 9Page - Micrel Semiconductor SY89874U Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Precision Edge®
SY89874U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
INPUT INTERFACE APPLICATIONS
CML
IN
/IN
VT
NC
GND
SY89874U
VCC
VCC
VREF-AC
NC
Figure 3a. DC-Coupled CML
Input Interface
CML
IN
/IN
VT
GND
SY89874U
VCC
VCC
VREF-AC
VCC
0.01µF
Figure 3b. AC-Coupled CML
Input Interface
PECL
IN
/IN
VT
GND
SY89874U
VCC
VCC
VREF-AC
NC
50Ω
* Bypass with 0.01µF to GND
0.01µF
VCC–2V*
VCC
Figure 3c. DC-Coupled PECL
Input Interface
PECL
IN
/IN
VT
GND
SY89874U
VCC
Rpd*
*Note. 3.3V =
Rpd = 100Ω
2.5V =
Rpd = 50Ω
Rpd*
VCC
GND
VREF-AC
VCC
0.01µF
Figure 3d. AC-Coupled PECL
Input Interface
LVDS
IN
/IN
VT
NC
GND
SY89874U
VCC
VCC
VREF-AC
NC
Figure 3e. LVDS
Input Interface
HSTL
IN
/IN
VT
GND
SY89874U
VCC
VCC
GND
NC
VREF-AC
Figure 3f. HSTL
Input Interface
Part Number
Function
Data Sheet Link
SY89871U
2.5GHz Any Diff. In-to-LVPECL
http://www.micrel.com/product-info/products/sy89871u.shtml
Programmable Clock Divider/Fanout Buffer
w/Internal Termination
MLF® Application Note
http://www.amkor.com/products/notes_papers/mlf_appnote_0902.pdf
HBW Solutions
New Products and Applications
http://www.micrel.com/product-info/products/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION


Similar Part No. - SY89874U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874UMG MICREL-SY89874UMG Datasheet
151Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89874UMGTR MICREL-SY89874UMGTR Datasheet
151Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89874UMI MICREL-SY89874UMI Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874UMI MICREL-SY89874UMI Datasheet
151Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
More results

Similar Description - SY89874U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89871U MICREL-SY89871U Datasheet
168Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/ FANOUT BUFFER WI/INTERNAL TERMINATION
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89874U MICREL-SY89874U_08 Datasheet
151Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89872U MICREL-SY89872U Datasheet
575Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U MICREL-SY89875U Datasheet
231Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U MICREL-SY89875U_07 Datasheet
161Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com