Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC15-3.3SB Datasheet(PDF) 2 Page - Recom International Power

Part # RAC15-3.3SB
Description  15 Watt Single, Dual & Triple Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC15-3.3SB Datasheet(HTML) 2 Page - Recom International Power

  RAC15-3.3SB Datasheet HTML 1Page - Recom International Power RAC15-3.3SB Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RAC15-S_D_TB
Series
POWERLINE
AC/DC-Converter
Package Style and Pinning
Simplified Schematics
10.00
54.00
23.50
1
8
4
10.0
22.50
Bottom View
64.00
45.60
1.0
17.5
2
6
10.0
4.0
6.0
3
7
12.5 17.5
5
7.5
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Rectifier
Filter
FG
Overcurrent
Protection
+Vout
Isolation
Reference
& Error AMP
-Vout
L
N
PWM
Controller
Rectifier
Filter
FG
Overcurrent
Protection
Com
+Vout
Isolation
Reference
& Error AMP
-Vout
L
N
PWM
Controller
Pin Connections-
Pin #
Single Out
Dual Out
Triple Out
1
VAC in (L)
VAC in (L)
VAC in (L)
2
VAC in (N)
VAC in (N)
VAC in (N)
3
-VDC Out
-VDC Out
+5V Ret.
4
No Pin
Com
+5V Out
5
No Pin
No Pin
-VDC out
6
+VDC out
+VDC out
-VDC out
7
No Pin
No Pin
Com
8
No Pin
No Pin
+VDC out
3rd angle
projection
12-February-2007
www.recom-international.com
2
Rectifier
FG
Line Filter
Isolation
Reference
& Error AMP
-Vout
L
N
PWM
Controller
+Vout
Com
+5Vout
+5V Rtn
Overcurrent
Protection
Notes
Note 1: Line Regulation = 2% max. for triple output +Vout and -Vout.
Note 2: Load Regulation = 5% max. for triple output +Vout and -Vout.
Note 3: Ripple & Noise measured with 20MHz BW probe and 0.1µF +
47µF capacitors in parallel across the outputs.


Similar Part No. - RAC15-3.3SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
More results

Similar Description - RAC15-3.3SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com