Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP3001 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part No. AP3001
Description  150kHz 3A PWM BUCK DC-DC CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AP3001 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
150kHz 3A PWM BUCK DC-DC CONVERTER
AP3001
Preliminary Datasheet
2
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AP3001 (Top View)
Pin Description
Pin Number
Pin Name
Function
1VIN
Unregulated input voltage
2
OUTPUT
Switch driver output
3
GND
Ground
4
FEEDBACK
Feedback pin. For fixed version, connect it to system output. For adjustable version,
connect it with an external resistor divider to program the system output voltage
5ON/OFF
The TTL logic compatible input to control the regulator on or off
Pin Configuration
T/TB Package
(TO-220-5L/TO-220B-5L)
ON/OFF
FEEDBACK
GND
OUTPUT
VIN
S Package
(TO-263-5L)
ON/OFF
FEEDBACK
GND
OUTPUT
VIN
5
4
3
2
1
5
4
3
2
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn