Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP3001 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part No. AP3001
Description  150kHz 3A PWM BUCK DC-DC CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AP3001 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
150kHz 3A PWM BUCK DC-DC CONVERTER
AP3001
Preliminary Datasheet
1
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
General Description
The AP3001 series of regulators are fixed frequency
PWM buck (step-down) DC/DC converter, capable of
driving a 3A load with excellent line and load regula-
tion. These regulators are simple to use and include
internal frequency compensation and a fixed frequency
oscillator, so that a system adopting AP3001 requires a
minimum number of external components to work.
These ICs are available in TO-220-5L, TO-220B-5L
and TO-263-5L packages.
Features
·
3.3V, 5V Fixed and Adjustable Output Versions
·
Guaranteed 3A Output Load Current
·
150kHz Fixed Frequency Internal Oscillator
·
Excellent Line and Load Regulation
·
TTL Shutdown Capability
·
Low Power Standby Mode, IQ Typically 80µA
·
Built-in Current Limit Protection and Thermal
Shutdown Circuit
Applications
·
LCD Monitor and LCD TV
·
On-Card DC-DC Converter
·
DVD Recorder
·
PDP
Figure 1. Package Types of AP3001
TO-220-5L
TO-263-5L
TO-220B-5L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn