Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP3001 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part No. AP3001
Description  150kHz 3A PWM BUCK DC-DC CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AP3001 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
150kHz 3A PWM BUCK DC-DC CONVERTER
AP3001
Preliminary Datasheet
4
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information
Circuit Type
Package
T: TO-220-5L
ADJ: Adjustable Output
3.3: Fixed Output 3.3V
5.0: Fixed Output 5.0V
E1: Lead Free
Blank: Tin Lead
AP3001
-
TR: Tape and Reel
Blank: Tube
TB: TO-220B-5L
S: TO-263-5L
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-220-5L
-40 to 85oC
AP3001T-ADJ
AP3001T-ADJE1
AP3001T-ADJ
AP3001T-ADJE1
Tube
AP3001T-3.3
AP3001T-3.3E1
AP3001T-3.3
AP3001T-3.3E1
Tube
AP3001T-5.0
AP3001T-5.0E1
AP3001T-5.0
AP3001T-5.0E1
Tube
TO-220B-5L
-40 to 85oC
AP3001TB-ADJ
AP3001TB-ADJE1
AP3001TB-ADJ
AP3001TB-ADJE1
Tube
AP3001TB-3.3
AP3001TB-3.3E1
AP3001TB-3.3
AP3001TB-3.3E1
Tube
AP3001TB-5.0
AP3001TB-5.0E1
AP3001TB-5.0
AP3001TB-5.0E1
Tube
TO-263-5L
-40 to 85oC
AP3001S-ADJ
AP3001S-ADJE1
AP3001S-ADJ
AP3001S-ADJE1
Tube
AP3001S-ADJTR
AP3001S-ADJTRE1
AP3001S-ADJ
AP3001S-ADJE1
Tape & Reel
AP3001S-3.3
AP3001S-3.3E1
AP3001S-3.3
AP3001S-3.3E1
Tube
AP3001S-3.3TR
AP3001S-3.3TRE1
AP3001S-3.3
AP3001S-3.3E1
Tape & Reel
AP3001S-5.0
AP3001S-5.0E1
AP3001S-5.0
AP3001S-5.0E1
Tube
AP3001S-5.0TR
AP3001S-5.0TRE1
AP3001S-5.0
AP3001S-5.0E1
Tape & Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn