Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RAC15-05SA Datasheet(PDF) 3 Page - Recom International Power

Part No. RAC15-05SA
Description  15 Watt Single, Dual & Triple Output
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECOM [Recom International Power]
Homepage  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC15-05SA Datasheet(HTML) 3 Page - Recom International Power

  RAC15-05SA Datasheet HTML 1Page - Recom International Power RAC15-05SA Datasheet HTML 2Page - Recom International Power RAC15-05SA Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWERLINE
AC/DC-Converter
Package Style and Pinning
10.0
62.00
22.00
27.0
2
3
7
6
11.5
Bottom View
74.00
54.00
1.0
20.0
5
11.5
1
20.0
4
8.5
8
8.5
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RAC15-S_D_TA
Series
Pin Connections
Pin #
Single Out
Dual Out
Triple Out
1FG
FG
FG
2
VAC in (N)
VAC in (N)
VAC in (N)
3
VAC in (L)
VAC in (L)
VAC in (L)
4
No Pin
No Pin
-VDC Out
5
-VDC Out
-VDC Out
Com
6
No Pin
Com
+ VDC Out
7
+ VDC Out
+ VDC Out
+ 5V Rtn (Com)
8
No Pin
No Pin
+ 5V Out
3rd angle
projection
See DIN Rail Modules for DIN rail mounting option
Typical Application
N
Load
RAC15-12SA
C1
0.1uF
50V
L
+Vout DC
-Vout DC
C2
47uF
50V
1.5A
Slo
Blo
12-February-2007
295
www.recom-international.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn