Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89859UMGTR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89859UMGTR
Description  Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89859UMGTR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89859UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 11Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 12Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel, Inc.
SY89859U
February 2007
M9999-022007-B
hbwhelp@micrel.com or (408) 955-1690
9
Functional Characteristics
VCC = 3.3V, GND = 0, VIN = 100mV (200mVpp), RL = 50Ω to VCC–2V; TA = 25°C, unless otherwise stated.


Similar Part No. - SY89859UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89859UMY MICREL-SY89859UMY Datasheet
502Kb / 13P
   Precision Low-Power 8:1 MUX with Internal
SY89859UMYTR MICREL-SY89859UMYTR Datasheet
502Kb / 13P
   Precision Low-Power 8:1 MUX with Internal
More results

Similar Description - SY89859UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
logo
Integrated Device Techn...
8S89202 IDT-8S89202 Datasheet
430Kb / 23P
   Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
logo
Renesas Technology Corp
8S89202 RENESAS-8S89202 Datasheet
625Kb / 24P
   Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
2019
logo
Micrel Semiconductor
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com