Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2202R-3.3TR Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2202R-3.3TR
Description  150mA RF ULDO REGULATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2202R-3.3TR Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2202R-3.3TR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2202R-3.3TR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2202R-3.3TR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2202R-3.3TR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2202R-3.3TR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2202R-3.3TR Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2202R-3.3TR Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2202R-3.3TR Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2202R-3.3TR Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
150mA RF ULDO REGULATOR
AP2202
Data Sheet
10
Mar. 2007 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
∆V
OUT/VOUT
Variation from specified
VOUT
-1
1
%
-2
2
Output Voltage
Temperature Coefficient
(Note 3)
∆V
OUT/∆T
120
µV/oC
(
∆V
OUT/VOUT)/∆T
46
ppm/oC
Line Regulation
VRLINE
VIN=3.6V to 13.2V
13
mV
13
Load Regulation
(Note 4)
VRLOAD
IOUT=0.1mA to 150mA
1
6
mV
14
Dropout Voltage (Note 5)
VDROP
IOUT=100µA
15
50
mV
70
IOUT=50mA
110
150
230
IOUT=100mA
140
250
300
IOUT=150mA
165
275
350
Standby Current
ISTD
VEN≤0.4V (shutdown)
0.01
1
µA
VEN≤0.18V (shutdown)
5
Ground Pin Current
(Note 6)
IGND
VEN≥2.0V, IOUT=0µA
95
130
µA
150
VEN≥2.0V, IOUT=100µA
98
140
160
VEN≥2.0V, IOUT=50mA
350
600
800
VEN≥2.0V, IOUT=100mA
600
1000
1500
VEN≥2.0V, IOUT=150mA
1300
1900
2500
Ripple Rejection
PSRR
frequency=100Hz, IOUT=100µA75
dB
Current Limit
ILIMIT
VOUT=0V
320
550
mA
Output Noise
eno
IOUT=50mA, COUT=2.2µF,
100pF from BYP to GND
260
Enable Input Logic-Low
Voltage
VIL
Regulator shutdown
0.4
V
0.18
Hz
nV /
AP2202-2.6 Electrical Characteristics
Electrical Characteristics (Continued)
VIN=3.6V, IOUT=100µA, CIN=1.0µF, COUT=2.2µF, VEN≥2.0V, TJ=25
oC, Bold typeface applies over -40oC
≤T
J≤125
oC (note 2),
unless otherwise specified.


Similar Part No. - AP2202R-3.3TR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2202R-3.3TRE1 DIODES-AP2202R-3.3TRE1 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP2202R-3.3TRG1 DIODES-AP2202R-3.3TRG1 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
More results

Similar Description - AP2202R-3.3TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com