Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CR5427 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. CR5427
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

CR5427 Datasheet(HTML) 5 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Oct 21
5
Philips Semiconductors
Product specification
Triple video driver hybrid amplifier
CR5427
tr, tf < 4 ns (determined by current drive capability of the video IC).
(1) fT > 3 GHz; ICmax > 100 mA.
(2) Component values dependent on CRT.
Fig.4 Application circuit with buffer stage for maximum performance.
handbook, full pagewidth
MGK731
CR5427
27 pF
390
10
120 pF
292
10 to 47
100
nF
VS
+VBB (8 to 12 V)
current
25 to 50 mA
VIDEO
IC
(1)
PROTECTION
CIRCUIT
speed-up/gain
network
smearing
compensation
network(2)
output
tr, tf < 7 ns (determined by current drive capability of the video IC).
(1) Component values dependent on video IC and CRT.
Fig.5 Application circuit without buffer stage for economy.
handbook, full pagewidth
MGK732
CR5427
PROTECTION
CIRCUIT
10
speed-up/gain
network(1)
smearing
compensation
network(1)
output
100
nF
VS
+VBB (8 to 12 V)
VIDEO
IC


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR1296Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR7929Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
MHW3628Triple Video Driver Hybrid Amplifier 1 2 3 Motorola, Inc
CR5527STriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6727ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6728ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6729ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6927Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn