Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR2424 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # CR2424
Description  Video driver hybrid amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CR2424 Datasheet(HTML) 6 Page - NXP Semiconductors

  CR2424 Datasheet HTML 1Page - NXP Semiconductors CR2424 Datasheet HTML 2Page - NXP Semiconductors CR2424 Datasheet HTML 3Page - NXP Semiconductors CR2424 Datasheet HTML 4Page - NXP Semiconductors CR2424 Datasheet HTML 5Page - NXP Semiconductors CR2424 Datasheet HTML 6Page - NXP Semiconductors CR2424 Datasheet HTML 7Page - NXP Semiconductors CR2424 Datasheet HTML 8Page - NXP Semiconductors CR2424 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1995 Oct 23
6
Philips Semiconductors
Product specification
Video driver hybrid amplifier
CR2424S
Fig.10 CRT amplifier test circuit and block diagram.
handbook, full pagewidth
MAM143
PULSE
GENERATOR
BIAS
UNIT
TEST
FIXTURE
CR2424S
POWER
SUPPLY
FET
PROBE
SAMPLING
OSCILLOSCOPE
CR2424S
C1
R1
input
50
1
5
2
9
7
output
C2
VS
C L
3
8
Components used in test circuit (see Fig.10)
Equipment used in test circuit (see Fig.10)
DESIGNATION
DESCRIPTION
VALUE
C1
variable capacitor
10 to 120 pF (typ. 50 pF)
C2
chip capacitor
10 nF
R1
resistor
typ. 215
EQUIPMENT
TYPE DESCRIPTION
Pulse generator
Pico Second; Model 2600B
Bias unit
Pico Second; Model 5555
Power supply
Philips; Model PE1541, 80 V
FET probe
Philips; Model PM8943, attenuation 100 : 1
Sampling oscilloscope
Tektronix; Model 11803, sampling head SD24


Similar Part No. - CR2424

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR2427S PHILIPS-CR2427S Datasheet
54Kb / 12P
   Video driver hybrid amplifier
1995 Feb 09
More results

Similar Description - CR2424

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR2427S PHILIPS-CR2427S Datasheet
54Kb / 12P
   Video driver hybrid amplifier
1995 Feb 09
CR3424 PHILIPS-CR3424 Datasheet
52Kb / 12P
   Video driver hybrid amplifier
1995 Apr 05
CR6728A PHILIPS-CR6728A Datasheet
62Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR6927A PHILIPS-CR6927A Datasheet
59Kb / 8P
   Triple video driver hybrid amplifier
1998 Feb 12
CR6928A PHILIPS-CR6928A Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR6928 PHILIPS-CR6928 Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR5427 PHILIPS-CR5427 Datasheet
60Kb / 8P
   Triple video driver hybrid amplifier
1997 Oct 21
CR6929A PHILIPS-CR6929A Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Sep 21
CR1296 PHILIPS-CR1296 Datasheet
53Kb / 8P
   Triple video driver hybrid amplifier
1997 Jul 09
CR5527S PHILIPS-CR5527S Datasheet
51Kb / 12P
   Triple video driver hybrid amplifier
1995 Apr 05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com