Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATR7039 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. ATR7039
Description  2.9 GHz to 5.8 GHz SiGe Frequency Doubler IC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

ATR7039 Datasheet(HTML) 5 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
4786E–DECT–10/05
ATR7039 [Preliminary]
6.
Electrical Characteristics
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1.0
Input power
3
Pin
0
10
dBm
A
1.1
Output power
Measured at harmonic
frequency 2f
10, 11
P2f
12
dBm
A
1.2
Measured at harmonic
frequency 3f
10, 11
P3f
-8
dBm
A
1.3
Measured at
fundamental frequency
10, 11
P1f
TBD
dBm
A
1.4
Output power deviation
Measured at harmonic
frequency
10, 11
P
d
–2
+2
dB
A
1.5
Control voltage range
Doubler operating
mode
6VCTL1
1.4
V
A
7VCTL2
1.7
V
A
1.6
Power down mode
6, 7
VCTL1,2
0.2
V
A
1.7
Input and output return
loss
With external matching
3, 10,
11
–12
–8
dB
C
1.8
Reverse isolation
2f
3, 10,
11
ISOr
30
36
dB
C
1.9
Current consumption
for 12dBm output power
13, 15,
16
I
CC
90
mA
A
1.10
Current consumption in
power down mode
V
CTL1,2 ≤ 0.2V
13, 15,
16
I
CC
15
µA
A
2.0
Duty cycle
100
%
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn