Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATR7039 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. ATR7039
Description  2.9 GHz to 5.8 GHz SiGe Frequency Doubler IC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

ATR7039 Datasheet(HTML) 1 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Input Frequency Range 2.7 GHz to 3.0 GHz
P
OUT Typically 12 dBm at 5.8 GHz
P
IN Typically 0 dBm
V
CC 3.0V to 3.9V
CW Mode Operation
Package: QFN16
Benefits
Ramping Control Extends Battery Lifetime
AC Input Coupling Saves External Capacitors
Extremely Low BOM for Application
Electrostatic sensitive device.
Observe precautions for handling.
1.
Description
The 5.8-GHz frequency doubler IC is designed with Atmel’s Silicon-Germanium
(SiGe) process and provides a high conversion gain.
The device consists of a doubler stage, a filter and a driver amplifier with an output
power of 11 dBm. The output stage was realized using an open-collector structure.
Power-up/down and output levels are controlled via the bias control pin 6 and pin 7
(V
CTL).
TM
2.9 GHz to
5.8 GHz SiGe
Frequency
Doubler IC
ATR7039
Preliminary
Rev. 4786E–DECT–10/05


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn