Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89844UMG Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89844UMG
Description  Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89844UMG Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89844UMG Datasheet HTML 5Page - Micrel Semiconductor SY89844UMG Datasheet HTML 6Page - Micrel Semiconductor SY89844UMG Datasheet HTML 7Page - Micrel Semiconductor SY89844UMG Datasheet HTML 8Page - Micrel Semiconductor SY89844UMG Datasheet HTML 9Page - Micrel Semiconductor SY89844UMG Datasheet HTML 10Page - Micrel Semiconductor SY89844UMG Datasheet HTML 11Page - Micrel Semiconductor SY89844UMG Datasheet HTML 12Page - Micrel Semiconductor SY89844UMG Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel, Inc.
SY89844U
May 2005
M9999-050305
hbwhelp@micrel.com or (408) 955-1690
9
Case #2: Input Clock Failure:
Switching from a
selected clock stuck HIGH to a valid clock (RPE
enabled).
If CLK1 fails HIGH before the RPE MUX selects
CLK2 (using the SEL pin), the switchover will occur
in three stages.
• Stage 1: The output will remain HIGH for a
limited number of pulses of CLK2.
• Stage 2: The output will switch to LOW and then
remain LOW for a limited number of falling edges
of CLK2.
• Stage 3: The output will follow CLK2.
Timing Diagram 2
Note: Output shows extended clock cycle during switchover. Pulse width for both high and low of this cycle will always be
greater than 50% of the CLK2 period.


Similar Part No. - SY89844UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89844UMGTR MICREL-SY89844UMGTR Datasheet
596Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1
More results

Similar Description - SY89844UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89465U MICREL-SY89465U Datasheet
2Mb / 19P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89465U MICREL-SY89465U_10 Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89844U MICREL-SY89844U_10 Datasheet
596Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89841U MICREL-SY89841U Datasheet
1Mb / 15P
   Precision LVDS Runt Pulse Eliminator 2:1 Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com