Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89841U Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89841U
Description  Precision LVDS Runt Pulse Eliminator 2:1 Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89841U Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89841U Datasheet HTML 6Page - Micrel Semiconductor SY89841U Datasheet HTML 7Page - Micrel Semiconductor SY89841U Datasheet HTML 8Page - Micrel Semiconductor SY89841U Datasheet HTML 9Page - Micrel Semiconductor SY89841U Datasheet HTML 10Page - Micrel Semiconductor SY89841U Datasheet HTML 11Page - Micrel Semiconductor SY89841U Datasheet HTML 12Page - Micrel Semiconductor SY89841U Datasheet HTML 13Page - Micrel Semiconductor SY89841U Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Micrel, Inc.
SY89841U
February 2005
M9999-021405
hbwhelp@micrel.com or (408) 955-1690
10
Case #4: Input Clock Failure: Switching from the
selected clock input stuck in an undetermined state
to a valid clock input (RPE enabled).
If CLK1 fails to an undetermined state (e.g.,
amplitude falls below the 100mV (VIN) minimum
single-ended input limit, or 200mV differentially)
before the RPE MUX selects CLK2 (using the SEL
pin), the switchover to the valid clock CLK2 will
occur either following Case #2 or Case #3,
depending upon the last valid state at the CLK1
If the selected input clock fails to a floating, static, or
extremely low signal swing, including 0mV, the FSI
function will eliminate any metastable condition and
guarantee a stable output signal. No ringing and no
undetermined state will occur at the output under
these conditions.
Please note that the FSI function will not prevent
duty cycle distortions or runt pulses in case of a
slowly deteriorating (but still toggling) input signal.
Due to the FSI function, the propagation delay will
depend on rise and fall time of the input signal and
on its amplitude. Refer to “Typical Operating
Characteristics” for detailed information.
CLK1
CLK2
SEL
OUTPUT
Select CLK1
Select CLK2
as in case #2
as in case #3
Timing Diagram 4
Power-On Reset (POR) Description
The SY89841U includes an internal power-on reset
(POR) function to ensure the RPE logic starts-up in
a known logic state once the power-supply voltage is
stable. An external capacitor connected between VCC
and the CAP pin (pin 11) controls the delay for the
power-on reset function.
The required capacitor value calculation is based
upon the time the system power supply needs to
power up to a minimum of 2.3V. The time constant
for the internal power-on-reset must be greater than
the time required for the power supply to ramp up to
a minimum of 2.3V.
The following formula describes this relationship:
C( F)
t
(ms)
12(ms/ F)
dPS
µ
µ
As an example, if the time required for the system
power supply to power up past 2.3V is 12ms, then
the required capacitor value on pin 11 would be:
C( F)
12ms
12(ms/ F)
µ
µ
C1 F
≥ µ


Similar Part No. - SY89841U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89841U MICREL-SY89841U Datasheet
668Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1 Multiplexer
More results

Similar Description - SY89841U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89844U MICREL-SY89844U_10 Datasheet
596Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
SY89842U MICREL-SY89842U Datasheet
668Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1 Multiplexer
SY89843U MICREL-SY89843U_10 Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89842U MICREL-SY89842U_10 Datasheet
660Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U_10 Datasheet
616Kb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89465U MICREL-SY89465U Datasheet
2Mb / 19P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com