Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89837U Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89837U
Description  PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89837U Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89837U Datasheet HTML 3Page - Micrel Semiconductor SY89837U Datasheet HTML 4Page - Micrel Semiconductor SY89837U Datasheet HTML 5Page - Micrel Semiconductor SY89837U Datasheet HTML 6Page - Micrel Semiconductor SY89837U Datasheet HTML 7Page - Micrel Semiconductor SY89837U Datasheet HTML 8Page - Micrel Semiconductor SY89837U Datasheet HTML 9Page - Micrel Semiconductor SY89837U Datasheet HTML 10Page - Micrel Semiconductor SY89837U Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Precision Edge®
SY89837U
Micrel, Inc.
M9999-022007
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) ................................... –0.5V to +4.0V
Input Volage (V
IN) ........................................... –0.5V to VCC
LVPECL Output Current (I
OUT)
Continuous .............................................................. 50mA
Surge .................................................................... 100mA
Termination Current(3)
Source or sink current on V
T ...................................... ±100mA
Lead Temperature (soldering, 20 sec.) ..................... 260°C
Storage Temperature (T
S) ........................ –65°C to +150°C
Operating Ratings(2)
Supply Voltage (V
CC) ........................... +2.375V to +2.625V
............................................................. +3.0V to +3.6V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance(4)
MLF®
JA)
Stll-Air .............................................................. 35°C/W
MLF®
JB)
Junction-to-board ............................................ 16°C/W
TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
2.5V nominal
2.375
2.625
V
3.3V nominal
3.0
3.6
V
ICC
Power Supply Current
No load, max. VCC
115
160
mA
RIN
Input Resistance (IN-to-VT)
455055
ý
RDIFF_IN
Differential Input Resistance
90
100
110
ý
(IN-to-/IN)
VIH
Input High Voltage (IN-to-/IN)
1.2
VCC
V
VIL
Input Low Voltage (IN-to-/IN)
0
VIH–0.2
V
VIN
Input Voltage Swing (IN-to-/IN)
See Figure 1a.(6)
0.2
VCC
V
VDIFF_IN
Differential Input Voltage Swing
See Figure 1b.
0.4
V
|IN–/IN|
VIN_LOS
Input Voltage Swing when signal
100
200
mV
is lost
VT_IN
IN-to-VT (IN-to-/IN)
1.8
V
VREF_AC
Output Reference Voltage
VCC–1.3 VCC–1.2 VCC–1.1
V
(VREF-AC)
Notes:
1. Permanent device damage may occur if ratings in the “Absolute Maximum Ratings” section are exceeded. This is a stress rating only and functional
operation is not implied for conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability use for input of the same package only.
4. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB. yJB uses a 4-layer
qJA in still air unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. VIN (max.) is specified when VT is floating.
DC ELECTRICAL CHARACTERISTICS(5)


Similar Part No. - SY89837U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89837UMG MICREL-SY89837UMG Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837UMGTR MICREL-SY89837UMGTR Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837UMI MICREL-SY89837UMI Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837UMITR MICREL-SY89837UMITR Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
More results

Similar Description - SY89837U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89843U MICREL-SY89843U_10 Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U_10 Datasheet
616Kb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com