Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89826LHI Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89826LHI
Description  3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89826LHI Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89826LHI Datasheet HTML 2Page - Micrel Semiconductor SY89826LHI Datasheet HTML 3Page - Micrel Semiconductor SY89826LHI Datasheet HTML 4Page - Micrel Semiconductor SY89826LHI Datasheet HTML 5Page - Micrel Semiconductor SY89826LHI Datasheet HTML 6Page - Micrel Semiconductor SY89826LHI Datasheet HTML 7Page - Micrel Semiconductor SY89826LHI Datasheet HTML 8Page - Micrel Semiconductor SY89826LHI Datasheet HTML 9Page - Micrel Semiconductor SY89826LHI Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Precision Edge®
SY89826L
Micrel, Inc.
M9999-011907
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL CHARACTERISTICS
155MHz Output
TIME (500ps/div.)
T
A = 25°C
V
CC = 3.3V
Q
/Q
622MHz Output
TIME (200ps/div.)
T
A = 25°C
V
CC = 3.3V
Q
/Q
1GHz Output
TIME (100ps/div.)
T
A = 25°C
V
CC = 3.3V
Q
/Q


Similar Part No. - SY89826LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89823L MICREL-SY89823L Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHC MICREL-SY89823LHC Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHC MICREL-SY89823LHC Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHCTR MICREL-SY89823LHCTR Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHCTR MICREL-SY89823LHCTR Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY89826LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834U MICREL-SY89834U_05 Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89827L MICREL-SY89827L_10 Datasheet
560Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89827L MICREL-SY89827L Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com