Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89826L Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89826L
Description  3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89826L Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89826L Datasheet HTML 2Page - Micrel Semiconductor SY89826L Datasheet HTML 3Page - Micrel Semiconductor SY89826L Datasheet HTML 4Page - Micrel Semiconductor SY89826L Datasheet HTML 5Page - Micrel Semiconductor SY89826L Datasheet HTML 6Page - Micrel Semiconductor SY89826L Datasheet HTML 7Page - Micrel Semiconductor SY89826L Datasheet HTML 8Page - Micrel Semiconductor SY89826L Datasheet HTML 9Page - Micrel Semiconductor SY89826L Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY89826L
Micrel, Inc.
M9999-011907
hbwhelp@micrel.com or (408) 955-1690
DETAILED DESCRIPTION
The SY89826L is a precision 1:22 fanout buffer. It accepts
either an LVPECL or LVDS input, selectable by an input
mux, and outputs 22 LVDS output pairs. The device features
a synchronous output enable. The SY89826L provides
extremely low skew across its outputs.
LVPECL_CLK
The SY89826L allows one input with standard LVPECL
voltage swing. This input may be adjusted per the data
sheet characteristics regarding the CMR and minimum input
swing. As the SY89826L contains no appropriate internal
termination, upstream devices need to be properly
terminated to provide the proper LVPECL input swing. If
not being used (CLK_SEL is LOW), this input pair may be
left floating, as it is internally terminated to ground via a
75k
Ω pull-down resistor.
LVDS_CLK
The SY89826L allows one input with standard LVDS
voltage swing. The SY89826L provides an appropriate
internal 100
Ω termination resistor. Hence, upstream LVDS
devices do not require external termination to drive the
SY89826L. If not being used (CLK_SEL is HIGH), this input
pair may be left floating.
CLK_SEL Input
The CLK_SEL TTL Input is used to select either
LVDS_CLK (CLK_SEL is LOW) or LVPECL_CLK (CLK_SEL
is LOW),.
OE
The SY89826L's output enable function is designed to
disable the outputs only when the outputs are LOW. This
avoids the possibility of generating runt pulses. The OE
input is an asynchronous input, but operates as a
synchronous enable. For synchronous operation, please
adhere to the specific setup and hold times. When disabled,
the Q outputs are LOW and the /Q outputs are HIGH.
LVDS Outputs
The SY89826L's LVDS outputs swing typically 350mV
around a 1.25V common mode voltage above ground. The
common mode voltage has tight limits to permit large
variations in ground between an LVDS driver and receiver.
Also, change in common mode voltage, as a function of
data input is kept tight to keep EMI low.
Each of the SY89826L's LVDS outputs should be
terminated with a 100
Ω termination resistor including any
unused output pairs. This ensures the best jitter and skew
performance of the device.
Part Number
Function
Data Sheet Link
SY55855V
Dual CML/PECL/LVPECL-to-LVDS
www.micrel.com/product-info/products/sy55855v.shtml
Translator
SY89825U
2.5/3.3V 1:22 High-performance,
www.micrel.com/product-info/products/sy89825u.shtml
Low-voltage PECL Bus Clock Driver
& Translator w/ Internal Termination
SY89828L
3.3V 1GHz Dual 1:10 Precision
www.micrel.com/product-info/products/sy89828l.shtml
LVDS Fanout Buffer with 2:1 Input Mux
SY89829U
2.5/3.3V High-performance, Dual 1:10
www.micrel.com/product-info/products/sy89829u.shtml
LVPECL Clock Driver w/ Internal Termination &
Redundant Switchover
M-0317
HBW Solutions
www.micrel.com/product-info/as/solutions.shtml
Exposed Pad
Amkor Exposed Pad Application Note
www.amkor.com/products/notes_papers/epad.pdf
RELATED PRODUCT AND SUPPORT DOCUMENTATION


Similar Part No. - SY89826L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89823L MICREL-SY89823L Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHC MICREL-SY89823LHC Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHC MICREL-SY89823LHC Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHCTR MICREL-SY89823LHCTR Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHCTR MICREL-SY89823LHCTR Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY89826L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834U MICREL-SY89834U_05 Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89827L MICREL-SY89827L_10 Datasheet
560Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89827L MICREL-SY89827L Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com