Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89808LTI Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89808LTI
Description  3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89808LTI Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89808LTI Datasheet HTML 1Page - Micrel Semiconductor SY89808LTI Datasheet HTML 2Page - Micrel Semiconductor SY89808LTI Datasheet HTML 3Page - Micrel Semiconductor SY89808LTI Datasheet HTML 4Page - Micrel Semiconductor SY89808LTI Datasheet HTML 5Page - Micrel Semiconductor SY89808LTI Datasheet HTML 6Page - Micrel Semiconductor SY89808LTI Datasheet HTML 7Page - Micrel Semiconductor SY89808LTI Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Precision Edge®
SY89808L
Micrel, Inc.
M9999-091405
hbwhelp@micrel.com or (408) 955-1690
FEATURES
s 9 differential HSTL (1.5V compatible) output pairs
s 500MHz maximum clock frequency
s Triple-buffered enable function
s 3.3V core supply, 1.8V output supply for reduced
power
s LVPECL and HSTL inputs
s HSTL outputs drive 50
to ground with no
offset voltage
s Low pin-to-pin skew (25ps max.)
s Guaranteed over industrial –40
°C to +85°C
temperature range
s Available in 32-pin TQFP package
The SY89808L is a High-Performance Bus Clock Driver with
9 differential HSTL (High-Speed Transceiver Logic) 1.5V
compatible output pairs. The part is designed for use in low-
voltage (3.3V/1.8V) applications which require a large number
of outputs to drive precisely aligned, ultra-low skew signals to
their destination. The input is multiplexed from either HSTL or
LVPECL (Low-Voltage Positive-Emitter-Coupled Logic) by the
CLK_SEL pin.
The Output Enable (OE) is synchronous and triple-buffered
so that the outputs will only be enabled/disabled when they are
already in the LOW state. This avoids any potential of generating
a runt clock pulse when the device is enabled/disabled, as can
occur with an asynchronous control. The triple-buffering feature
provides a three-clock delay from the time the OE input is
asserted/de-asserted to when the clock appears at the outputs.
The SY89808L features an ultra-low pin-to-pin skew of less
than 25ps. The SY89808L is available in a 32-TQFP space
saving package, enabling a lower overall cost solution.
3.3V, 500MHz, 1:9 DIFFERENTIAL
HSTL (1.5V) FANOUT BUFFER/
TRANSLATOR
DESCRIPTION
Precision Edge®
SY89808L
LOGIC SYMBOL
APPLICATIONS
s Workstations
s Parallel processor-based systems
s High-performance computing
s Communications
CLK_SEL
HSTL_CLK
/HSTL_CLK
LVPECL_CLK
/LVPECL_CLK
OE
0
1
9
9
Q0 — Q8
/Q0 — /Q8
EN
ENABLE
LOGIC
Rev.: E
Amendment: /0
Issue Date:
September 2005
Precision Edge®
TYPICAL PERFORMANCE
200
300
400
500
600
700
800
900
FREQUENCY (MHz)
Output Amplitude
vs. Frequency
Precision Edge is a registered trademark of Micrel, Inc.
TRUTH TABLE
OE(1)
CLK_SEL
Q0 – Q8
/Q0 – /Q8
0
0
LOW
HIGH
0
1
LOW
HIGH
1
0
HSTL_CLK
/HSTL_CLK
1
1
LVPECL_CLK
/LVPECL_CLK
Notes:
1. The OE (output enable) signal is synchronized with the low level of the
HSTL_CLK and LVPECL_CLK signal.


Similar Part No. - SY89808LTI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89801A MICREL-SY89801A Datasheet
82Kb / 5P
   HP PA-8000 CLOCK SOURCE
SY89801AMC MICREL-SY89801AMC Datasheet
82Kb / 5P
   HP PA-8000 CLOCK SOURCE
SY89801AMCA MICREL-SY89801AMCA Datasheet
82Kb / 5P
   HP PA-8000 CLOCK SOURCE
SY89809 MICREL-SY89809 Datasheet
78Kb / 4P
   3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
SY89809AL MICREL-SY89809AL Datasheet
290Kb / 8P
   3.3V LVPECL/HSTL to HSTL 1:9 High-
More results

Similar Description - SY89808LTI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89823L MICREL-SY89823L_08 Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823L MICREL-SY89823L Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89827L MICREL-SY89827L_10 Datasheet
560Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89827L MICREL-SY89827L Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
logo
Cypress Semiconductor
CY2HH8110 CYPRESS-CY2HH8110 Datasheet
95Kb / 7P
   1.5V 1:10 HSTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
   Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
8T33FS6111 RENESAS-8T33FS6111 Datasheet
1,014Kb / 29P
   Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
12/02/14
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com