Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89545LMG Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89545LMG
Description  3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89545LMG Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89545LMG Datasheet HTML 2Page - Micrel Semiconductor SY89545LMG Datasheet HTML 3Page - Micrel Semiconductor SY89545LMG Datasheet HTML 4Page - Micrel Semiconductor SY89545LMG Datasheet HTML 5Page - Micrel Semiconductor SY89545LMG Datasheet HTML 6Page - Micrel Semiconductor SY89545LMG Datasheet HTML 7Page - Micrel Semiconductor SY89545LMG Datasheet HTML 8Page - Micrel Semiconductor SY89545LMG Datasheet HTML 9Page - Micrel Semiconductor SY89545LMG Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Precision Edge®
SY89545L
Micrel, Inc.
M9999-071805
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL CHARACTERISTICS
200MHz Output
TIME (600ps/div.)
Q
/Q
1.6GHz Output
TIME (80ps/div.)
Q
/Q
2.5GHz Output
TIME (50ps/div.)
Q
/Q
3.2GHz Output
TIME (40ps/div.)
Q
/Q
3.2Gbps Eye Mask (2
23—1 PRBS)
TIME (80ps/div.)
622Mbps Eye Mask (2
23—1 PRBS)
TIME (270ps/div.)
2.5Gbps Output Eye (2
23—1 PRBS)
TIME (100ps/div.)


Similar Part No. - SY89545LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89545LMG MICREL-SY89545LMG Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89545LMGTR MICREL-SY89545LMGTR Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
More results

Similar Description - SY89545LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89543L MICREL-SY89543L Datasheet
167Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89543L MICREL-SY89543L_08 Datasheet
173Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542U MICREL-SY89542U Datasheet
168Kb / 9P
   2.5Vm 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com