Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CR1296 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. CR1296
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

CR1296 Datasheet(HTML) 4 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Jul 09
4
Philips Semiconductors
Product specification
Triple video driver hybrid amplifier
CR1296
Fig.3
Dynamic output power as a function of
frequency; typical values.
VS = 80 V; VO (p-p) = 40 V; VO (mean) =40V.
handbook, halfpage
5
0
Pdyn
(W)
f (MHz)
10
1
MDA194
110
10
2
1
2
3
4
Fig.4
Dynamic output power as a function of peak
to peak output voltage; typical values.
VS = 80 V; VO (p-p) = 40 V; VO (mean) =40V.
handbook, halfpage
010
50
4
3
1
0
VO(p-p) (V)
Pdyn
(W)
2
20
30
40
MDA195
Fig.5
Static output power as a function of mean
output voltage; typical values.
VS =26V.
handbook, halfpage
0
100
10
0
2
4
6
8
20
Pstat
(W)
VO (V)
40
60
80
MDA196


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR7929Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5427Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
MHW3628Triple Video Driver Hybrid Amplifier 1 2 3 Motorola, Inc
CR5527STriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6727ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6728ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6729ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6927Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn