Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CR1296 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. CR1296
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

CR1296 Datasheet(HTML) 3 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jul 09
3
Philips Semiconductors
Product specification
Triple video driver hybrid amplifier
CR1296
CHARACTERISTICS
VS1 =VS2 =8V; VS3 = 80 V; Tmb =25 °C; CL = 10 pF; output swing = 50 V(p-p) with 45 V DC offset; unless otherwise
specified.
Notes
1. Input signal delivered by pre-IC: tr ≤ 1 ns; tf ≤ 1 ns; Vi(p-p) = 3.3 V; see Fig. 2.
2. Sinewave output signal: 1 V(p-p).
APPLICATION INFORMATION
Application information is available in Application note AN96074 ‘Video Amplifier Board with TDA4885 and CR1296’.
A copy of this report can be requested via the local sales office.
Heatsink design is supported by Figs. 3, 4 and 5.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
tr
rise time transient response
10 to 90%; note 1
56ns
tf
fall time transient response
10 to 90%; note 1
2.5
3.5
ns
BW
small signal bandwidth
between
−3 dB points; note 2 −
140
MHz
NLN
non-linearity
VO =15to75V
25%
AV
DC voltage gain
14
15
16
Fig.2 Test circuit.
handbook, full pagewidth
33
33 pF
Cload = 10 pF
1 k
compensation
GND
Vout
VS3 (80V)
CR1296
ONE AMPLIFIER
Vin
VS1, VS2 (8V)
GENERATOR
termination
generator
1
µH
MGK452


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR7929Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5427Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
MHW3628Triple Video Driver Hybrid Amplifier 1 2 3 Motorola, Inc
CR5527STriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6727ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6728ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6729ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6927Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn