Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-746.5P Datasheet(PDF) 5 Page - Recom International Power

Part # R-746.5P
Description  2, 3, 4 AMP SIP12 Vertical & Horizontal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-746.5P Datasheet(HTML) 5 Page - Recom International Power

  R-746.5P Datasheet HTML 1Page - Recom International Power R-746.5P Datasheet HTML 2Page - Recom International Power R-746.5P Datasheet HTML 3Page - Recom International Power R-746.5P Datasheet HTML 4Page - Recom International Power R-746.5P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
R-7xxxP_D
Series
Table 1: Adjustment Resistor Values
2A DC
R-723.3P/D
R-725.0P/D
R-726.5P/D
R-729.0P/D
R-7212P/D
R-7215P/D
3A DC
R-733.3P/D
R-735.0P/D
R-736.5P/D
R-739.0P/D
R-7312P/D
R-7315P/D
4A DC
R-743.3P/D
R-745.0P/D
R-746.5P/D
Vout (nominal)
3.3VDC
5.0VDC
6.5VDC
9.0VDC
12VDC
15VDC
Vout (adj)
R1R2
R1R2
R1R2
R1R2
R1R2
R1
R2
2.5
8.5K
3.0
33K
470
3.2
110K
1.6K
3.3
2.2K
3.4
36K
3.0K
3.6
11K
4.7K
3.9
4.7K
8.5K
4.5
1.6K
30K
4.9
820
220K
5.0
680
11K
5.1
560
28K
12K
5.5
190
2.6K
20K
6.0
47K
6.5
7.0
560
13K
8.0
330
31K
9.0
10
2.2K
20K
11
390
47K
12
13
2.4K
36K
14
390
76K
15
16
2.6K
17
860
18
INNOLINE
DC/DC-Converter
27-March-2007
169
www.recom-international.com


Similar Part No. - R-746.5P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-746.5P RECOM-R-746.5P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R-746.5P RECOM-R-746.5P Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-746.5P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
PZ8GG-0505EH30 PEAK-PZ8GG-0505EH30 Datasheet
179Kb / 2P
   PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com