Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY89545L Datasheet(PDF) 5 Page - Micrel Semiconductor

Part No. SY89545L
Description  3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY89545L Datasheet(HTML) 5 Page - Micrel Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Precision Edge®
SY89545L
Micrel, Inc.
M9999-071805
hbwhelp@micrel.com or (408) 955-1690
VCC = 3.3V ±10%; TA = –40°C to +85°C; RL = 100Ω across Q and /Q, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
NRZ Data
3.2
Gbps
VOUT ≥ 200mV
Clock
3
GHz
tpd
Differential Propagation Delay
IN-to-Q
400
500
600
ps
SEL-to-Q
230
500
750
ps
tSKEW
Input-to-Input Skew
Note 11
25
ps
Part-to-Part Skew
Note 12
200
ps
tJITTER
Data
Random Jitter (RJ)
Note 13
1ps
RMS
Deterministic Jitter (DJ)
Note 14
10
ps
PP
Clock
Total Jitter (TJ)
Note 15
10
ps
PP
Cycle-to-Cycle Jitter
Note 16
1psRMS
Crosstalk-Induced Jitter
Note 17
0.7
ps
RMS
Adjacent Channel
tR, tF
Output Rise / Fall Time
At full output swing
40
80
150
ps
(20% to 80%)
Notes:
10. Measured with 100mV input swing. See “Timing Diagrams” section for definition of parameters. High frequency AC-parameters are guaranteed by
design and characterization.
11. Input-to-input skew is the difference in propagation delay between any two inputs to the output under identical conditions.
12. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the
respective inputs.
13. RJ is measured with a K28.7 comma detect character pattern, measured at 1.25Gbps and 3.2Gbps.
14. DJ is measured at 1.25Gbps and 3.2Gbps, with both K28.5 and 223–1 PRBS pattern.
15. Total jitter definition: with an ideal clock input of frequency
≤f
MAX, no more than one output edge in 10
12 output edges will deviate by more than the
specified peak-to-peak jitter value.
16. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn-Tn-1 where T is the time between rising edges of the output
signal.
17. Crosstalk is measured at the output while applying two similar frequencies to adjacent inputs that are asynchronous with respect to each other at the
inputs.
AC ELECTRICAL CHARACTERISTICS(10)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn