Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89538L Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89538L
Description  3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer with Zero Delay
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89538L Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89538L Datasheet HTML 5Page - Micrel Semiconductor SY89538L Datasheet HTML 6Page - Micrel Semiconductor SY89538L Datasheet HTML 7Page - Micrel Semiconductor SY89538L Datasheet HTML 8Page - Micrel Semiconductor SY89538L Datasheet HTML 9Page - Micrel Semiconductor SY89538L Datasheet HTML 10Page - Micrel Semiconductor SY89538L Datasheet HTML 11Page - Micrel Semiconductor SY89538L Datasheet HTML 12Page - Micrel Semiconductor SY89538L Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Micrel, Inc.
SY89538L
June 2006
M9999-062706-D
hbwhelp@micrel.com or (408) 955-1690
9
Reference Clock Inputs/External Feedback Inputs
VCCA = VCCD = +3.3V ±10%, VCCO = +2.5V ±5% or +3.3V ±10%; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
RFCK, /RFCK
FBIN, /FBIN
VCCD + 0.3
V
VIL
Input LOW Voltage
RFCK, /RFCK
FBIN, /FBIN
–0.3
V
VIN
Input Voltage Swing
RFCK, /RFCK,
FBIN, /FBIN
See Figure 1a.
100
mV
VDIFF_IN
Differential Input Voltage Swing
RFCK, /RFCK,
FBIN, /FBIN
See Figure 1b.
200
mV
100K LVPECL Output DC Electrical Characteristics
VCCA = VCCD = +3.3V ±10%, VCCO = +2.5V ±5% or +3.3V ±10%, RL = 50Ω into VCCO–2V; TA = –40°C to +85°C,
unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
VCCO –1.075
VCCO –0.830
V
VOL
Output LOW Voltage
VCCO –1.860
VCCO –1.570
V
VOUT
Output Voltage Swing
See Figure 1a.
550
800
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 1b.
1100
1600
mV
LVDS Output DC Electrical Characteristics
VCCA = VCCD = +3.3V ±10%, VCCO = +2.5V ±5% or +3.3V ±10%, RL = 100Ω across the pair; TA = –40°C to +85°C,
unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT
Output Voltage Swing
See Figure 1a.
250
325
mV
VDIFF-OUT
Differential Output Voltage Swing
See Figure 1b.
500
650
mV
VOCM
Output Common Mode Voltage
1.125
1.275
V
∆VOCM
Change in Common Mode Voltage
25
mV


Similar Part No. - SY89538L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89538L MICREL-SY89538L Datasheet
628Kb / 23P
   3.3V PRECISION LVPECL AND LVDS PROGRAMMABLE MULTIPLE OUTPUT BANK CLOCK SYNTHESIZER AND FANOUT BUFFER WITH ZERO DELAY
SY89538LHG MICREL-SY89538LHG Datasheet
628Kb / 23P
   3.3V PRECISION LVPECL AND LVDS PROGRAMMABLE MULTIPLE OUTPUT BANK CLOCK SYNTHESIZER AND FANOUT BUFFER WITH ZERO DELAY
SY89538LHGTR MICREL-SY89538LHGTR Datasheet
628Kb / 23P
   3.3V PRECISION LVPECL AND LVDS PROGRAMMABLE MULTIPLE OUTPUT BANK CLOCK SYNTHESIZER AND FANOUT BUFFER WITH ZERO DELAY
SY89538LHY MICREL-SY89538LHY Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89538LHYTR MICREL-SY89538LHYTR Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
More results

Similar Description - SY89538L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89538L MICREL-SY89538L Datasheet
628Kb / 23P
   3.3V PRECISION LVPECL AND LVDS PROGRAMMABLE MULTIPLE OUTPUT BANK CLOCK SYNTHESIZER AND FANOUT BUFFER WITH ZERO DELAY
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
logo
Renesas Technology Corp
ICS680-01 RENESAS-ICS680-01 Datasheet
363Kb / 10P
   NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
REV H 051310
logo
Integrated Circuit Syst...
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
   Networking Clock Synthesizer and Zero Delay Buffer
logo
Micrel Semiconductor
SY89537L MICREL-SY89537L_10 Datasheet
748Kb / 19P
   3.3V Precision LVPECL and LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com