Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89430VZH Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89430VZH
Description  5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89430VZH Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89430VZH Datasheet HTML 3Page - Micrel Semiconductor SY89430VZH Datasheet HTML 4Page - Micrel Semiconductor SY89430VZH Datasheet HTML 5Page - Micrel Semiconductor SY89430VZH Datasheet HTML 6Page - Micrel Semiconductor SY89430VZH Datasheet HTML 7Page - Micrel Semiconductor SY89430VZH Datasheet HTML 8Page - Micrel Semiconductor SY89430VZH Datasheet HTML 9Page - Micrel Semiconductor SY89430VZH Datasheet HTML 10Page - Micrel Semiconductor SY89430VZH Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Precision Edge®
SY89430V
Micrel, Inc.
M9999-011106
hbwhelp@micrel.com or (408) 955-1690
TA = 0
°CTA = +25°CTA = +75°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VIH
Input HIGH Voltage
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IIH
Input HIGH Current
50
50
50
µAVIN = 2.7V
IIL
Input LOW Current
–0.6
–0.6
–0.6
mA
VIN = 0.5V
VIK
Input Clamp Voltage
–1.2
–1.2
–1.2
V
IIN = –12mA
VOH
Output HIGH Voltage
2.0
2.0
2.0
V
IOH = –2.0mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 8mA
IOS
Output Short Circuit Current
–100 (Typ.)
–100 (Typ.)
–100 (Typ.)
mA
VOUT = 0V
ICC1
Supply Current
220
220
220
mA
5.0V ±5%
0.91X of 5V Val.
0.91X of 5V Val.
0.91X of 5V Val.
mA
3.3V ±5%
Typical % of ICC1
VCC1
33%
33%
33%
VCC_OUT
9%
9%
9%
VCC_QUIET
14%
14%
14%
VCC_TTL
44%
44%
44%
Symbol
Parameter
Min.
Max.
Unit
Condition
VOH
Output HIGH Voltage
VCC_OUT –1.075
VCC_OUT –0.830
V
50Ω to VCC_OUT –2V
VOL
Output LOW Voltage
VCC_OUT –1.860
VCC_OUT –1.570
V
50Ω to VCC_OUT –2V
100H ECL DC ELECTRICAL CHARACTERISTICS
VCC1 = VCC_QUIET = VCC_TTL = VCC_OUT = +3.3V to +5.0V ±5%; TA = 0°C to +75°C
TTL DC ELECTRICAL CHARACTERISTICS
VCC1 = VCC_QUIET = VCC_TTL = VCC_OUT = +3.3V to +5.0V ±5%; TA = 0°C to +75°C
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
VIN
Input Voltage
–0.5 to +7.0
V
IOUT
Output Source
Continuous
50
mA
Surge
100
T
LEAD
Lead Temperature (soldering, 20sec.)
+260
°C
Tstore
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
–0 to +75
°C
NOTE:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions
other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods may affect device
reliability.
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - SY89430VZH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89430VZC MICREL-SY89430VZC Datasheet
139Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89430VZCTR MICREL-SY89430VZCTR Datasheet
139Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
More results

Similar Description - SY89430VZH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V Datasheet
139Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89424V MICREL-SY89424V Datasheet
75Kb / 5P
   5V/3.3V FREQUENCY SYNTHESIZER 60MHz to 1GHz
logo
Integrated Circuit Syst...
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843S1066D RENESAS-843S1066D Datasheet
514Kb / 16P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Integrated Device Techn...
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com